PART |
Description |
Maker |
WPANTDP028 |
This single band dipole antenna is an ideal solution for single band WLAN access points operating in the ISM 2.45GHz band
|
World Produts Inc.
|
TI183113 |
3dBi 868MHz ISM Band Dipole Terminal Antenna, SMA(M) Hinged Connector
|
List of Unclassifed Manufacturers
|
GW715153 |
2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
|
List of Unclassifed Man...
|
AND-C-106 |
Dipole Antenna for PCN
|
http://
|
AN26031A |
Single Band LNA-IC for 2.5 GHz Band Applications
|
Panasonic Battery Group
|
UPC842C UPC842G2 UPC842 UPC842G2MS UPC842G2-E1 UPC |
DUAL OP-AMP, 4500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO8 BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
|
NEC[NEC]
|
TQS5200 |
SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems 2400 MHz - 2500 MHz RF/MICROWAVE DIVERSITY SWITCH
|
TriQuint Semiconductor, Inc.
|
CHV2243A |
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
|
United Monolithic Semiconductors
|
SKY77916-11 |
Tx-Rx FEM for Quad-Band GSM /GPRS / EDGE w/ 14 Linear TRx Switch Ports, Dual-Band TD-SCDMA, and TDD LTE Band 39
|
Skyworks Solutions Inc.
|
CAT28C65BHP-20 CAT28C65BHN-15 CAT28C65BHT-20 CAT28 |
SCR / Diode Modules up to 1400V SCR / Diode Fast SAM - PSB 2168 Bridges for Throttle Control SBCX-X - PEB 3081 SCOUT-S - PSB 21381 Transmitter; Package: PG-TSSOP-10; Frequency Band: 868.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C XWAY VINAX-CPE - PEB 83000 XWAY TWINPASS-E Transmitter; Package: PG-TSSOP-10; Frequency Band: 434.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 5.0 dBm; Temperature Range: -40.0 - 125.0 °C Transmitter; Package: PG-TSSOP-10; Frequency Band: 315.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 5.0 dBm; Temperature Range: -40.0 - 125.0 °C XWAY TANTOS SEROCCO-M - PEBPEF 20532 Transceiver; Package: PG-TSSOP-38; Frequency Band: 315.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 9.0 dBm; Temperature Range: -40.0 - 85.0 °C Transceiver; Package: PG-TSSOP-38; Frequency Band: 434.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 9.0 dBm; Temperature Range: -40.0 - 85.0 °C Transmitter; Package: PG-TSSOP-16; Frequency Band: 315.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C SCR Diode Discs up to 1400V Fast Thyristors SCR / Diode Modules up to 1400V SCR / Diode Phase Control Receiver; Package: PG-TSSOP-28; Frequency Band: 315.0 MHz; Channel Requirements per Band: Multi-Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: yes; Temperature Range: -40.0 - 105.0 °C Receiver; Package: PG-TSSOP-28; Frequency Band: 915.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: no; Temperature Range: -40.0 - 85.0 °C Receiver; Package: PG-TSSOP-28; Frequency Band: 434.0 MHz 868.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: no; Temperature Range: -40.0 - 105.0 °C Linear Voltage Regulators for Automotive Applications; Package: PG-TO263-7; Regulator Type: single output; Output Voltage: 5V; Accuracy: 2.0 %; Max. Output Current: 400mA; Dropout Voltage: 300mV Receiver; Package: PG-TSSOP-28; Frequency Band: 315.0 MHz; Channel Requirements per Band: Multi-Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: no; Temperature Range: -40.0 - 105.0 °C SCOUT™-DX - PSB 21373 x8的EEPROM SCOUT™-P/PX - PSB 21391; PSB 21393 x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM High Speed CAN Transceiver - TLE 6250 x8的EEPROM SCOUT™-SX - PSB 21383 x8的EEPROM Transmitter; Package: PG-TSSOP-10; Frequency Band: 434.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C
|
Toshiba, Corp. Infineon Technologies AG Air Cost Control TE Connectivity, Ltd. Amphenol, Corp. TOKO, Inc.
|